Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF05TBR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STCF05TBR
Description  High power white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF05TBR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STCF05TBR Datasheet HTML 8Page - STMicroelectronics STCF05TBR Datasheet HTML 9Page - STMicroelectronics STCF05TBR Datasheet HTML 10Page - STMicroelectronics STCF05TBR Datasheet HTML 11Page - STMicroelectronics STCF05TBR Datasheet HTML 12Page - STMicroelectronics STCF05TBR Datasheet HTML 13Page - STMicroelectronics STCF05TBR Datasheet HTML 14Page - STMicroelectronics STCF05TBR Datasheet HTML 15Page - STMicroelectronics STCF05TBR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical characteristics
STCF05
12/33
Doc ID 15257 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IOZ
Output logic leakage
current ATN
VATN =3.3V
1
mA
VIL
Low and high level input
logic signals on SCL,
SDA, TRIG, TEST
VIN=2.7V to 5.5V
00.4
V
VIH
1.4
VI
TON
LED current rise time
ILED=0 to ILED=max
3ms
1.
Typical value, not production test.
2.
Calculated as (VOUT*ILED)/(VIN*IIN)
3.
Calculated as (VLED*ILED)/(VIN*IIN)
Table 6.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com