Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP30H60DF Datasheet HTML 3Page - STMicroelectronics STGP30H60DF Datasheet HTML 4Page - STMicroelectronics STGP30H60DF Datasheet HTML 5Page - STMicroelectronics STGP30H60DF Datasheet HTML 6Page - STMicroelectronics STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics STGP30H60DF Datasheet HTML 10Page - STMicroelectronics STGP30H60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DocID022363 Rev 3
7/24
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
Electrical characteristics
2.1
Electrical characteristics (curves)
Figure 2. Output characteristics (TJ = 25°C)
Figure 3. Output characteristics (TJ = 175°C)
Figure 4. Transfer characteristics
Figure 5. Normalized VGE(th) vs. junction
temperature
Figure 6. Power dissipation vs. case
temperature for D²PAK, TO-220 and TO-247
Figure 7. Power dissipation vs. case
temperature for TO-220FP
IC
60
40
20
0
0
2
VCE(V)
4
(A)
1
3
80
100
11V
9V
13V
VGE=15V
AM17360v1
IC
60
40
20
0
0
2
VCE(V)
4
(A)
1
3
80
100
11V
9V
13V
VGE=15V
7V
AM17361v1
IC
60
40
20
0
7
9
VGE(V)
11
(A)
8
10
80
100
TJ=-40°C
TJ=25°C
TJ=175°C
VCE=5V
AM17362v1
VGE(th)
0.9
0.8
0.7
0.6
-50
0
TJ(°C)
100
norm
50
1.0
150
AM17369v1
PTOT
120
80
40
0
0
50
TCASE(°C)
100
(W)
25
75
160
200
125
150
240
AM17364v1
PTOT
16
8
0
0
50
TCASE(°C
100
(W)
25
75
24
32
125
150
AM17365v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com