Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGP30H60DF Datasheet HTML 5Page - STMicroelectronics STGP30H60DF Datasheet HTML 6Page - STMicroelectronics STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics STGP30H60DF Datasheet HTML 10Page - STMicroelectronics STGP30H60DF Datasheet HTML 11Page - STMicroelectronics STGP30H60DF Datasheet HTML 12Page - STMicroelectronics STGP30H60DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID022363 Rev 3
9/24
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
Electrical characteristics
Figure 14. Forward bias safe operating area for
TO-220, D²PAK and TO-247
Figure 15. Thermal impedance for TO-220,
D²PAK and TO-247
Figure 16. Forward bias safe operating area for
TO-220FP
Figure 17. Thermal impedance for TO-220FP
Figure 18. Gate charge vs. gate-emitter voltage
Figure 19. Capacitance variations vs. VCE
IC
100
10
1
1
100
VCE(V)
10
(A)
(single pulse TC=25°C,
TJ<175°C, VGE=15V)
1µs
100µs
1ms
AM17370v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
δ0
δ0.01
δ0.02
δ0.05
δ0.1
δ0.2
δ0.5
Zth=k Rthj-c
δ=tp/t
tp
t
ZthTO2T_B
IC
100
10
1
1
100
VCE(V)
10
(A)
(single pulse TC=25°C,
TJ<175°C, VGE=15V)
1µs
100µs
1ms
AM17371v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
10
-3
δ0
δ0.01
δ0.02
δ0.05
δ0.1
δ0.2
δ0.05
Zth=k Rthj-c
δ=tp/t
tp
t
10
0
ZthTO2T_B_FP
VGE
8
6
4
2
0
Qg(nC)
100
(V)
50
10
VCC= 400V, IC=30A
12
14
16
0
AM17372v1
C
1000
100
0.1
VCE(V)
10
(pF)
1
10
Cies
Coes
Cres
AM17373v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com