Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics STGP30H60DF Datasheet HTML 10Page - STMicroelectronics STGP30H60DF Datasheet HTML 11Page - STMicroelectronics STGP30H60DF Datasheet HTML 12Page - STMicroelectronics STGP30H60DF Datasheet HTML 13Page - STMicroelectronics STGP30H60DF Datasheet HTML 14Page - STMicroelectronics STGP30H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DocID022363 Rev 3
11/24
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
Test circuits
3
Test circuits
Figure 25. Test circuit for inductive load
switching
Figure 26. Gate charge test circuit
Figure 27. Switching waveform
Figure 28. Diode recovery time waveform
AM01504v1
AM01505v1
AM01506v1
90%
10%
90%
10%
VG
VCE
IC
Td(on)
Ton
Tr(Ion)
Td(off)
Toff
Tf
Tr(Voff)
Tcross
90%
10%
AM01507v1
IRRM
IF
di/dt
trr
ta
tb
Qrr
IRRM
t
VF
dv/dt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com