Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP30H60DF Datasheet HTML 4Page - STMicroelectronics STGP30H60DF Datasheet HTML 5Page - STMicroelectronics STGP30H60DF Datasheet HTML 6Page - STMicroelectronics STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics STGP30H60DF Datasheet HTML 10Page - STMicroelectronics STGP30H60DF Datasheet HTML 11Page - STMicroelectronics STGP30H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
8/24
DocID022363 Rev 3
Figure 8. Collector current vs. frequency for
D²PAK, TO-220 and TO-247
Figure 9. Collector current vs. frequency for
TO-220FP
Figure 10. VCE(sat) vs. junction temperature
Figure 11. VCE(sat) vs. collector current
Figure 12. Collector current vs. case
temperature for D²PAK, TO-220 and TO-247
Figure 13. Collector current vs. case
temperature for TO-220FP
IC
30
20
1
f(kHz)
(A)
10
40
50
60
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10ohm,Vge=0/15V, Tj=175 °C)
Tc=80°C
Tc=100°C
AM17380v1
IC
4
0
1
f(kHz)
(A)
10
8
12
16
rectangular current shape,
(duty cycle=0.5, Vcc= 400V Rg=10ohm,Vge=0/15V, Tj=175 °C)
Tc=80°C
Tc=100°C
AM17381v1
VCE(sat)
1.8
1.6
1.4
1.2
-50
0
TJ(°C)
100
(V)
50
2.0
2.2
150
2.4
2.6
2.8
3.0
IC=15A
IC=30A
IC=60A
AM17366v1
VGE=15V
VCE(sat)
1.8
1.6
1.4
1.2
10
20
IC(A)
40
(V)
30
2.0
2.2
50
2.4
2.6
2.8
3.0
TJ=-40°C
VGE=15V
TJ=25°C
TJ=175°C
3.2
1.
AM17367v1
IC
30
20
0
0
50
TCASE(°C)
100
(A)
25
75
40
50
VGE>15V
TJ<175°C
125
150
60
10
AM17363v1
IC
10
5
0
0
50
TCASE(°C)
100
(A)
25
75
15
20
VGE>15V
TJ<175°C
125
150
AM17378v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com