Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 5 Page - STMicroelectronics

  STGP30H60DF Datasheet HTML 1Page - STMicroelectronics STGP30H60DF Datasheet HTML 2Page - STMicroelectronics STGP30H60DF Datasheet HTML 3Page - STMicroelectronics STGP30H60DF Datasheet HTML 4Page - STMicroelectronics STGP30H60DF Datasheet HTML 5Page - STMicroelectronics STGP30H60DF Datasheet HTML 6Page - STMicroelectronics STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID022363 Rev 3
5/24
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
Electrical characteristics
Table 6. Switching on/off (inductive load)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V
-
50
-
ns
tr
Current rise time
15
ns
(di/dt)on
Turn-on current slope
1600
A/µs
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
-
47
-
ns
tr
Current rise time
17
ns
(di/dt)on
Turn-on current slope
1400
A/µs
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V
-
20
-
ns
td(off)
Turn-off delay time
160
ns
tf
Current fall time
60
ns
tr(Voff)
Off voltage rise time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
-
22
-
ns
td(off)
Turn-off delay time
146
ns
tf
Current fall time
88
ns
tsc
Short circuit withstand time
VCC ≤ 360 V, VGE = 15 V
3
6
-
µs
Table 7. Switching energy (inductive load)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Eon (1)
Turn-on switching losses
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V
-0.35
-
mJ
Eoff
(2)
Turn-off switching losses
0.40
mJ
Ets
Total switching losses
0.75
mJ
Eon (1)
Turn-on switching losses
VCE = 400 V, IC = 230 A,
RG = 10 Ω, VGE = 15 V
TJ = 175 °C
0.61
mJ
Eoff
(2)
Turn-off switching losses
0.84
mJ
Ets
Total switching losses
1.45
mJ
1.
Energy losses include reverse recovery of the diode.
2.
Turn-off losses include also the tail of the collector current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com