Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP30H60DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP30H60DF
Description  600 V, 30 A high speed trench gate field-stop IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP30H60DF Datasheet(HTML) 4 Page - STMicroelectronics

  STGP30H60DF Datasheet HTML 1Page - STMicroelectronics STGP30H60DF Datasheet HTML 2Page - STMicroelectronics STGP30H60DF Datasheet HTML 3Page - STMicroelectronics STGP30H60DF Datasheet HTML 4Page - STMicroelectronics STGP30H60DF Datasheet HTML 5Page - STMicroelectronics STGP30H60DF Datasheet HTML 6Page - STMicroelectronics STGP30H60DF Datasheet HTML 7Page - STMicroelectronics STGP30H60DF Datasheet HTML 8Page - STMicroelectronics STGP30H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
STGB30H60DF, STGF30H60DF, STGP30H60DF, STGW30H60DF
4/24
DocID022363 Rev 3
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter breakdown voltage
(VGE = 0)
IC = 2 mA
600
V
VCE(sat)
Collector-emitter saturation voltage
VGE = 15 V, IC = 30 A
2.0
2.4
V
VGE = 15 V, IC = 30 A
TJ = 175 °C
2.4
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5.0
6.0
7.0
V
ICES
Collector cut-off current (VGE = 0)
VCE = 600 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5. Dynamic
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
3600
-
pF
Coes
Output capacitance
130
pF
Cres
Reverse transfer capacitance
65
pF
Qg
Total gate charge
VCC = 400 V, IC = 30 A,
VGE = 15 V
-105
-
nC
Qge
Gate-emitter charge
-
30
-
nC
Qgc
Gate-collector charge
-
35
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com