Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
For high frequency deviation and high data rates (typically
≥ 76.8 kBaud) the analog filter succeeding the
mixer must be bypassed by setting FILTER_BYPASS = 1 in the FILTER register. In this case the image
rejection is degraded.
The image rejection is reduced for low supply voltages (typically < 2.5 V) when operating in the 402 to 470
MHz frequency range.
5.9.7
Blocking and Selectivity
Figure 5-13 shows the blocking/selectivity at 433 MHz, 12.5 kHz channel spacing. Figure 5-14 shows the
blocking/selectivity at 868 MHz, 25 kHz channel spacing. The blocking rejection is the ratio between a
modulated blocker (interferer) and a wanted signal 3 dB above the sensitivity limit.
Figure 5-13. Typical Blocker Rejection
Figure 5-14. Typical Blocker Rejection
Carrier Frequency Set to 434.3072 MHz
Carrier Frequency Set to 868.3072 MHz
(12.5 kHz Channel Spacing, 12.288 kHz Receiver Channel Filter
(25 kHz Channel Spacing, 19.2 kHz Receiver Channel Filter
Bandwidth)
Bandwidth)
5.9.8
Linear IF Chain and AGC Settings
CC1020 is based on a linear IF chain where the signal amplification is done in an analog VGA (Variable
Gain Amplifier). The gain is controlled by the digital part of the IF chain after the ADC (Analog to Digital
Converter). The AGC (Automatic Gain Control) loop ensures that the ADC operates inside its dynamic
range by using an analog/digital feedback loop.
The maximum VGA gain is programmed by the VGA_SETTING[4:0] in the VGA3 register. The VGA gain
is programmed in approximately 3 dB/LSB. The VGA gain should be set so that the amplified thermal
noise from the front-end balance the quantization noise from the ADC. Therefore the optimum maximum
VGA gain setting will depend on the channel filter bandwidth.
A digital RSSI is used to measure the signal strength after the ADC. The CS_LEVEL[4:0] in the VGA4
register is used to set the nominal operating point of the gain control (and also the carrier sense level).
Further explanation can be found in Figure 5-15.
The VGA gain will be changed according to a threshold set by the VGA_DOWN[2:0] in the VGA3 register
and the VGA_UP[2:0] in the VGA4 register. Together, these two values specify the signal strength limits
used by the AGC to adjust the VGA gain.
To avoid unnecessary tripping of the VGA, an extra hysteresis and filtering of the RSSI samples can be
added. The AGC_HYSTERESIS bit in the VGA2 register enables this.
The time dynamics of the loop can be altered by the VGA_BLANKING bit in the ANALOG register, and
VGA_FREEZE[1:0] and VGA_WAIT[2:0] bits in the VGA1 register.
When VGA_BLANKING is activated, the VGA recovery time from DC offset spikes after a gain step is
reduced.
34
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com