Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 61 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 95 page
background image
7125
L
f
=
4
l
4
l
4
l
4
l
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.21 Antenna Considerations
CC1020 can be used together with various types of antennas. The most common antennas for short-
range communication are monopole, helical and loop antennas.
Monopole antennas are resonant antennas with a length corresponding to one quarter of the electrical
wavelength (
). They are very easy to design and can be implemented simply as a “piece of wire” or
even integrated onto the PCB.
Non-resonant monopole antennas shorter than
can also be used, but at the expense of range. In size
and cost critical applications such an antenna may very well be integrated onto the PCB.
Helical antennas can be thought of as a combination of a monopole and a loop antenna. They are a good
compromise in size critical applications. But helical antennas tend to be more difficult to optimize than the
simple monopole.
Loop antennas are easy to integrate into the PCB, but are less effective due to difficult impedance
matching because of their very low radiation resistance.
For low power applications the
monopole antenna is recommended due to its simplicity as well as
providing the best range.
The length of the
monopole antenna is given by Equation 34.
(34)
Where:
f is in MHz, giving the length in cm.
An antenna for 868 MHz should be 8.2 cm, and 16.4 cm for 433 MHz.
The antenna should be connected as close as possible to the IC. If the antenna is located away from the
input pin the antenna should be matched to the feeding transmission line (50
Ω).
For a more thorough background on antennas, please refer to AN003 SRD Antennas (SWRA088).
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
61
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com