Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
GAUSS _ FILTER
Baud rate
F
8
´
=
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.9.14 Digital FM
It is possible to read back the instantaneous IF from the FM demodulator as a frequency offset from the
nominal IF frequency. This digital value can be used to perform a pseudo analog FM demodulation.
The frequency offset can be read from the GAUSS_FILTER register and is a signed 8-bit value coded as
2-complement.
The instantaneous deviation is given by Equation 23.
(23)
The digital value should be read from the register and sent to a DAC and filtered in order to get an analog
audio signal. The internal register value is updated at the MODEM_CLK rate. MODEM_CLK is available at
the LOCK pin when LOCK_SELECT[3:0] = 1101 in the LOCK register, and can be used to synchronize
the reading.
For audio (300 to 4000 Hz) the sampling rate should be higher than or equal to 8 kHz (Nyquist) and is
determined by the MODEM_CLK. The MODEM_CLK, which is the sampling rate, equals 8 times the baud
rate. That is, the minimum baud rate, which can be programmed, is 1 kBaud. However, the incoming data
will be filtered in the digital domain and the 3-dB cut-off frequency is 0.6 times the programmed Baud rate.
Thus, for audio the minimum programmed Baud rate should be approximately 7.2 kBaud.
The GAUSS_FILTER resolution decreases with increasing baud rate. A accumulate and dump filter can
be implemented in the µC to improve the resolution. Note that each GAUSS_FILTER reading should be
synchronized to the MODEM_CLK. As an example, accumulating 4 readings and dividing the total by 4
will improve the resolution by 2 bits.
Furthermore, to fully utilize the GAUSS_FILTER dynamic range the frequency deviation must be 16 times
the programmed baud rate.
5.10 Transmitter
5.10.1 FSK Modulation Formats
The data modulator can modulate FSK, which is a two level FSK (Frequency Shift Keying), or GFSK,
which is a Gaussian filtered FSK with BT = 0.5. The purpose of the GFSK is to make a more bandwidth
efficient system as shown in Figure 5-17. The modulation and the Gaussian filtering are done internally in
the chip. The TX_SHAPING bit in the DEVIATION register enables the GFSK. GFSK is recommended for
narrowband operation.
Figure 5-18 and Figure 5-19 show typical eye diagrams for 434 MHz and 868 MHz operation, respectively.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
39
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com