Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 54 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 50Page - Texas Instruments CC1020-RTR1 Datasheet HTML 51Page - Texas Instruments CC1020-RTR1 Datasheet HTML 52Page - Texas Instruments CC1020-RTR1 Datasheet HTML 53Page - Texas Instruments CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
In this mode, AGC_AVG in the VGA2 register must be set to 3. The channel bandwidth must be 4 times
the Baud rate for data rates up to 9.6 kBaud. For the highest data rates the channel bandwidth must be 2
times the Baud rate (see Table 5-14). Manchester coding must always be used for OOK.
NOTE
The automatic frequency control (AFC) cannot be used when receiving OOK, as it requires a
frequency shift.
The AGC has a certain time-constant determined by FILTER_CLK, which depends on the IF filter
bandwidth. There is a lower limit on FILTER_CLK and hence the AGC time constant. For very low data
rates the minimum time constant is too fast and the AGC will increase the gain when a “0” is received and
decrease the gain when a “1” is received. For this reason the minimum data rate in OOK is 2.4 kBaud.
Typical figures for the receiver sensitivity (BER = 10–3) are shown in Table 5-14 for OOK.
9.6 kBaud
Figure 5-29. OOK Eye Diagram
Table 5-14. Typical Receiver Sensitivity as a Function of Data Rate at 433 and 868 MHz, OOK Modulation,
BER = 10–3, Pseudo-random Data (PN9 Sequence)
SENSITIVITY [dBm]
DATA RATE
FILTER BW
433 MHz
868 MHz
[kBaud]
[kHz]
MANCHESTER MODE
MANCHESTER MODE
2.4
9.6
–116
—
4.8
19.2
–113
–107
9.6
38.4
–103
–104
19.2
51.2
–102
–101
38.4
102.4
–95
–97
76.8
153.6
–92
–94
153.6
307.2
–81
–87
54
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com