Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 37 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.9.11 Carrier Sense
The carrier sense signal is based on the RSSI value and a programmable threshold. The carrier sense
function can be used to simplify the implementation of a CSMA (Carrier Sense Multiple Access) medium
access protocol.
Carrier
sense
threshold
level
is
programmed
by
CS_LEVEL[4:0]
in
the
VGA4
register
and
VGA_SETTING[4:0] in the VGA3 register.
VGA_SETTING[4:0] sets the maximum gain in the VGA. This value must be set so that the ADC works
with optimum dynamic range for a certain channel filter bandwidth. The detected signal strength (after the
ADC) will therefore depend on this setting.
CS_LEVEL[4:0] sets the threshold for this specific VGA_SETTING[4:0] value. If the VGA_SETTING[4:0] is
changed, the CS_LEVEL[4:0] must be changed accordingly to maintain the same absolute carrier sense
threshold. See Figure 5-15 for an explanation of the relationship between RSSI, AGC and carrier sense
settings.
The carrier sense signal can be read as the CARRIER_SENSE bit in the STATUS register.
The carrier sense signal can also be made available at the LOCK pin by setting LOCK_SELECT[3:0] =
0100 in the LOCK register.
5.9.12 Automatic Power-up Sequencing
CC1020 has a built-in automatic power-up sequencing state machine. By setting the CC1020 into this
mode, the receiver can be powered-up automatically by a wake-up signal and will then check for a carrier
signal (carrier sense). If carrier sense is not detected, it returns to power-down mode. A flow chart for
automatic power-up sequencing is shown in Figure 5-16.
The automatic power-up sequencing mode is selected when PD_MODE[1:0] = 11 in the MAIN register.
When the automatic power-up sequencing mode is selected, the functionality of the MAIN register is
changed and used to control the sequencing.
By setting SEQ_PD = 1 in the MAIN register, CC1020 is set in power down mode. If SEQ_PSEL = 1 in the
SEQUENCING register the automatic power-up sequence is initiated by a negative transition on the PSEL
pin.
If SEQ_PSEL = 0 in the SEQUENCING register, then the automatic power-up sequence is initiated by a
negative transition on the DIO pin (as long as SEP_DI_DO = 1 in the INTERFACE register).
Sequence timing is controlled through RX_WAIT[2:0] AND CS_WAIT[3:0] in the SEQUENCING register.
VCO and PLL calibration can also be done automatically as a part of the sequence. This is controlled
through SEQ_CAL[1:0] in the MAIN register. Calibration can be done every time, every 16th sequence,
every 256th sequence, or never. See Section 5.22.1 description for details. A description of when to do,
and how the VCO and PLL self-calibration is done, is given in Section 5.12.2.
See also Application Note AN070 CC1020 Automatic Power-Up Sequencing (SWRA279).
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
37
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com