Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 55 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 51Page - Texas Instruments CC1020-RTR1 Datasheet HTML 52Page - Texas Instruments CC1020-RTR1 Datasheet HTML 53Page - Texas Instruments CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 95 page
background image
C5
C4
XTAL
XOSC_Q2
XOSC_Q1
L
parasitic
4
5
1
C
C
1
1
C
C
=
+
+
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
5.16 Crystal Oscillator
The recommended crystal frequency is 14.7456 MHz, but any crystal frequency in the range 4 to 20 MHz
can be used. Using a crystal frequency different from 14.7456 MHz might in some applications give
degraded performance. Refer to AN022 Crystal Frequency Selection (SWRA070) for more details on the
use of other crystal frequencies than 14.7456 MHz. The crystal frequency is used as reference for the
data rate (as well as other internal functions) and in the 4 to 20 MHz range the frequencies 4.9152,
7.3728, 9.8304, 12.2880, 14.7456, 17.2032, 19.6608 MHz will give accurate data rates (as shown in
Table 5-4) and an IF frequency of 307.2 kHz. The crystal frequency will influence the programming of the
CLOCK_A, CLOCK_B and MODEM registers.
An external clock signal or the internal crystal oscillator can be used as main frequency reference. An
external clock signal should be connected to XOSC_Q1, while XOSC_Q2 should be left open. The
XOSC_BYPASS bit in the INTERFACE register should be set to ‘1’ when an external digital rail-to-rail
clock signal is used. No DC block should be used then. A sine with smaller amplitude can also be used. A
DC blocking capacitor must then be used (10 nF) and the XOSC_BYPASS bit in the INTERFACE register
should be set to ‘0’. For input signal amplitude, see Section 4.8.
Using the internal crystal oscillator, the crystal must be connected between the XOSC_Q1 and XOSC_Q2
pins. The oscillator is designed for parallel mode operation of the crystal. In addition, loading capacitors
(C4 and C5) for the crystal are required. The loading capacitor values depend on the total load
capacitance, CL, specified for the crystal. The total load capacitance seen between the crystal terminals
should equal CL for the crystal to oscillate at the specified frequency.
(33)
The parasitic capacitance is constituted by pin input capacitance and PCB stray capacitance. Total
parasitic capacitance is typically 8 pF. A trimming capacitor may be placed across C5 for initial tuning if
necessary.
The crystal oscillator circuit is shown in Figure 5-30. Typical component values for different values of CL
are given in Table 5-15.
The crystal oscillator is amplitude regulated. This means that a high current is required to initiate the
oscillations. When the amplitude builds up, the current is reduced to what is necessary to maintain
approximately 600 mVpp amplitude. This ensures a fast start-up, keeps the drive level to a minimum and
makes the oscillator insensitive to ESR variations. As long as the recommended load capacitance values
are used, the ESR is not critical.
The initial tolerance, temperature drift, aging and load pulling should be carefully specified in order to meet
the required frequency accuracy in a certain application. By specifying the total expected frequency
accuracy in SmartRF Studio together with data rate and frequency separation, the software will estimate
the total bandwidth and compare to the available receiver channel filter bandwidth. The software will report
any contradictions and a more accurate crystal will be recommended if required.
Figure 5-30. Crystal Oscillator Circuit
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
55
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com