Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 2 Page - Texas Instruments

  LM2759SDEV Datasheet HTML 1Page - Texas Instruments LM2759SDEV Datasheet HTML 2Page - Texas Instruments LM2759SDEV Datasheet HTML 3Page - Texas Instruments LM2759SDEV Datasheet HTML 4Page - Texas Instruments LM2759SDEV Datasheet HTML 5Page - Texas Instruments LM2759SDEV Datasheet HTML 6Page - Texas Instruments LM2759SDEV Datasheet HTML 7Page - Texas Instruments LM2759SDEV Datasheet HTML 8Page - Texas Instruments LM2759SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
3
4
5
6
12
10
9
8
7
Die-Attach Pad: GND
1
3
4
5
6
12
10
9
8
7
Die-Attach Pad: GND
Top View
Bottom View
2
11
11
2
LM2759
SNVS577D – JUNE 2008 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. 12-Pin WSON Package
3mm x 3mm x 0.8mm
Package Number DQB0012A
PIN DESCRIPTIONS
Pin
Name
Description
10
VIN
Input voltage connection.
3
VOUT
Charge pump regulated output.
12
C1
−
11
C1+
Flying capacitor connections.
2
C2+
1
C2
−
4
GND
Ground connection.
6
ISINK
Regulated current sink input.
8
SDA
Serial data I/O pin.
7
Strobe
Manual flash enable pin. Flash will remain on for the duration that the Strobe pin is held high or
when the Flash Timeout occurs, whichever comes first.
5
TX
Transmission pulse Flash interrupt pin. High = RF PA pulse active, LED current reduced to Torch
level, Low = RF PA pulse off, LED at full programmed current level.
9
SCL
Serial clock pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2759



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com