Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2759SDEV Datasheet HTML 3Page - Texas Instruments LM2759SDEV Datasheet HTML 4Page - Texas Instruments LM2759SDEV Datasheet HTML 5Page - Texas Instruments LM2759SDEV Datasheet HTML 6Page - Texas Instruments LM2759SDEV Datasheet HTML 7Page - Texas Instruments LM2759SDEV Datasheet HTML 8Page - Texas Instruments LM2759SDEV Datasheet HTML 9Page - Texas Instruments LM2759SDEV Datasheet HTML 10Page - Texas Instruments LM2759SDEV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM2759
www.ti.com
SNVS577D – JUNE 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C, VIN = 3.6V, CIN = C1 = C2 = 2.2µF, COUT = 4.7µF. Capacitors are low-ESR multi-layer
ceramic capacitors (MLCC's). Luxeon PWF3 Flash LED.
Oscillator Frequency
vs
VIN
Torch Code Levels
Figure 8.
Figure 9.
Flash Code Levels
Shutdown to Torch Mode, 100mA
CH1: SDA; Scale: 2V/Div, DC Coupled
CH2: VOUT; Scale: 2V/Div, DC Coupled
CH3: IIN; Scale: 100mA/Div, DC Coupled
CH4: ILED; Scale: 100mA/Div, DC Coupled
Time scale: 400µs/Div
Figure 10.
Figure 11.
Shutdown to Flash Mode, 1A
Torch to Flash Mode, 100mA to 1A
CH1: SDA; Scale: 2V/Div, DC Coupled
CH1: SDA; Scale: 2V/Div, DC Coupled
CH2: VOUT; Scale: 2V/Div, DC Coupled
CH2: VOUT; Scale: 2V/Div, DC Coupled
CH3: IIN; Scale: 1A/Div, DC Coupled
CH3: IIN; Scale: 1A/Div, DC Coupled
CH4: ILED; Scale: 1A/Div, DC Coupled
CH4: ILED; Scale: 1A/Div, DC Coupled
Time scale: 1ms/Div
Time scale: 1ms/Div
Figure 12.
Figure 13.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2759



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com