Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 1 Page - Texas Instruments

  LM2759SDEV Datasheet HTML 1Page - Texas Instruments LM2759SDEV Datasheet HTML 2Page - Texas Instruments LM2759SDEV Datasheet HTML 3Page - Texas Instruments LM2759SDEV Datasheet HTML 4Page - Texas Instruments LM2759SDEV Datasheet HTML 5Page - Texas Instruments LM2759SDEV Datasheet HTML 6Page - Texas Instruments LM2759SDEV Datasheet HTML 7Page - Texas Instruments LM2759SDEV Datasheet HTML 8Page - Texas Instruments LM2759SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2759
C2
VIN
C2+
C2-
GND
CIN
2.2 µF
2.2 µF
COUT
VOUT
4.7 µF
TX
C1
C1+
C1-
2.2 µF
VIN = 3.0V - 5.5V
ILED = Up to 1A
SDA
SCL
ISINK
D1
Strobe
TDK: 2.2 µF ± C1608X5R1C225
4.7 µF ± C2012X5R1C475
LM2759
www.ti.com
SNVS577D – JUNE 2008 – REVISED MAY 2013
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
Check for Samples: LM2759
1
FEATURES
APPLICATIONS
2
•
Up to 1A Output Current
•
Camera Flash in Cellular Phones
•
Solution Area < 22 mm2
DESCRIPTION
•
No Inductor Required
LM2759 is an integrated low-noise, high-current
•
90% Peak Efficiency
switched capacitor DC/DC converter with a regulated
•
Adaptive 1x, 1.5x and 2x Gains for Maximum
current source. The device requires only four small
Efficiency
ceramic capacitors making the total solution area less
than 22 mm2 and the height less than 1 mm. The
•
Load Disconnect in Shutdown
LM2759 is capable of driving loads up to 1A from a
•
Accurate Input Current Control During Gain
single-cell Li-Ion battery. Maximum efficiency is
Transitions
achieved over the input voltage range by actively
•
Flash Time-Out
selecting the proper gain based on the LED forward
voltage and current requirements.
•
TX Input Pin Ensures Synchronization with RF
Power Amplifier Pulse
The LED current can be programmed up to 1A via an
I2C-compatible interface, along with eight selectable
•
Torch, Flash, and Indicator Modes
Flash Time-Out durations. One high-current Flash
•
External Flash Enable via Strobe Input Pin
LED can be driven either in a high-power Flash mode
•
Strobe Input Disable via I2C
or a low-power Torch mode. The Strobe pin allows
the flash to be toggled via a Flash enable signal from
•
Programmable Flash Pulse Duration, and
a camera module. The TX input pin limits the Flash
Torch and Flash Currents via I2C-Compatible
LED current to the Torch current level during a RF
Interface
PA pulse, to reduce high loads on the battery.
•
1MHz Constant Frequency Operation
Internal soft-start circuitry limits the amount of inrush
•
Low Profile 12–Pin WSON (3mm x 3mm x
current during start-up.
0.8mm)
LM2759 is offered in a small 12-pin thermally
enhanced WSON package.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2759SDEV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2759SD NSC-LM2759SD Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759SD/NOPB TI1-LM2759SD/NOPB Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759SDX NSC-LM2759SDX Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759SDX/NOPB TI1-LM2759SDX/NOPB Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
More results

Similar Description - LM2759SDEV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
LM2759 NSC-LM2759 Datasheet
119Kb / 2P
PRODUCT BRIEF 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com