Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2759SDEV Datasheet HTML 9Page - Texas Instruments LM2759SDEV Datasheet HTML 10Page - Texas Instruments LM2759SDEV Datasheet HTML 11Page - Texas Instruments LM2759SDEV Datasheet HTML 12Page - Texas Instruments LM2759SDEV Datasheet HTML 13Page - Texas Instruments LM2759SDEV Datasheet HTML 14Page - Texas Instruments LM2759SDEV Datasheet HTML 15Page - Texas Instruments LM2759SDEV Datasheet HTML 16Page - Texas Instruments LM2759SDEV Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM2759
www.ti.com
SNVS577D – JUNE 2008 – REVISED MAY 2013
Table 3. Torch Current Table (Reg xA0)
CODE (Hex)
TORCH CURRENT (mA)
00
15
01
30
02
40
03
50
04
65
05
80
06
90
07
100
08
110
09
120
0A
130
0B
140
0C
150
0D
160
0E
170
0F
180
FLASH TIME-OUT FEATURE
Time-out Protection Circuitry disables the current sink when either the Strobe pin is held at logic high or the
Flash mode is enabled via the I2C compatible interface longer than the programmed timeout duration. This
prevents the device from self-heating due to the high power dissipation during Flash conditions. During the time-
out condition, voltage will still be present on VOUT but the current sink will be shut off, resulting in no current
through the Flash LED. When the device goes into a time-out condition, disabling and then re-enabling the
device will reset the time-out. Use the table below to set the desired Flash timeout duration.
Table 4. Flash Timeout Duration (Reg xC0)
CODE (Hex)
TIME (ms)
00
60
01
125
02
250
03
375
04
500
05
625
06
750
07
1100
CAPACITOR SELECTION
The LM2759 requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic capacitors
are recommended. These capacitors are small, inexpensive and have very low equivalent series resistance (ESR
<20 m
Ω typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors are not
recommended for use with the LM2759 due to their high ESR, as compared to ceramic capacitors. For most
applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with the
LM2759. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C). Capacitors with Y5V or Z5U
temperature characteristic are generally not recommended for use with the LM2759. Capacitors with these
temperature characteristics typically have wide capacitance tolerance (+80%, -20%) and vary significantly over
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2759



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com