Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 15 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2759SDEV Datasheet HTML 11Page - Texas Instruments LM2759SDEV Datasheet HTML 12Page - Texas Instruments LM2759SDEV Datasheet HTML 13Page - Texas Instruments LM2759SDEV Datasheet HTML 14Page - Texas Instruments LM2759SDEV Datasheet HTML 15Page - Texas Instruments LM2759SDEV Datasheet HTML 16Page - Texas Instruments LM2759SDEV Datasheet HTML 17Page - Texas Instruments LM2759SDEV Datasheet HTML 18Page - Texas Instruments LM2759SDEV Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LM2759
www.ti.com
SNVS577D – JUNE 2008 – REVISED MAY 2013
The junction temperature rating takes precedence over the ambient temperature rating. The LM2759 may be
operated outside the ambient temperature rating, so long as the junction temperature of the device does not
exceed the maximum operating rating of 105°C. The maximum ambient temperature rating must be derated in
applications where high power dissipation and/or poor thermal resistance causes the junction temperature to
exceed 105°C.
MAXIMUM OUTPUT CURRENT
The maximum LED current that can be used for a particular application depends on the rated forward voltage of
the LED used, the input voltage range of the application, and the Gain mode of the LM2759’s charge pump. The
following equation can be used to approximate the relationship between the maximum LED current, the LED
forward voltage, the minimum input voltage, and the charge pump gain:
(VIN_MIN x Gain) > (VF + VHR) + (ILED x ROUT_GAIN)
(9)
VHR or the voltage required across the current sink to remain in regulation can be approximated by (ILED x KHR),
where KHR is 0.8 mV/mA (typ). ROUT_GAIN is the output impedance of the charge pump according to its gain
mode. When using the equation above, keep in mind that the (VF + VHR) portion of the equation can not be
greater than the nominal output regulation voltage for a particular gain. In other words, when making calculations
for an application where the term (VF + VHR) is higher than a particular gain’s regulation voltage, the next higher
gain level must be used for the calculation.
Example: VF = 4V @ 1A, Charge Pump in the Gain of 2x with a ROUT of 2.25Ω (typ.)
VIN_MIN > [(4V + 0.8V) + (1A x 2.25Ω) ] ÷ 2
VIN_MIN > 3.53V (typ.)
The maximum power dissipation in the LM2759 must also be taken into account when selecting the conditions
for an application, such that the junction temperature of the device never exceeds its rated maximum. The input
voltage range, operating temperature range, and/or current level of the application may have to be adjusted to
keep the LM2759 within normal operating ratings.
BOARD LAYOUT CONSIDERATIONS
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints between the WSON
package and board pads. Poor solder joints can result in erratic or degraded performance.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2759



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com