Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2759SDEV Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2759SDEV
Description  1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2759SDEV Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2759SDEV Datasheet HTML 10Page - Texas Instruments LM2759SDEV Datasheet HTML 11Page - Texas Instruments LM2759SDEV Datasheet HTML 12Page - Texas Instruments LM2759SDEV Datasheet HTML 13Page - Texas Instruments LM2759SDEV Datasheet HTML 14Page - Texas Instruments LM2759SDEV Datasheet HTML 15Page - Texas Instruments LM2759SDEV Datasheet HTML 16Page - Texas Instruments LM2759SDEV Datasheet HTML 17Page - Texas Instruments LM2759SDEV Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LM2759
SNVS577D – JUNE 2008 – REVISED MAY 2013
www.ti.com
temperature (Y5V: +22%, -82% over -30°C to +85°C range; Z5U: +22%, -56% over +10°C to +85°C range).
Under some conditions, a nominal 1
μF Y5V or Z5U capacitor could have a capacitance of only 0.1 μF. Such
detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum capacitance
requirements of the LM2759. The voltage rating of the output capacitor should be 6.3V or more. For example, a
6.3V 0603 4.7
μF output capacitor (TDK C1608X5R0J475) is acceptable for use with the LM2759, as long as the
capacitance on the output does not fall below a minimum of 3
μF in the intended application. All other capacitors
should have a voltage rating at or above the maximum input voltage of the application and should have a
minimum capacitance of 1
μF.
Table 5. Suggested Capacitors and Suppliers
MFG Part No.
Type
MFG
Voltage Rating
Case Size
Inch (mm)
4.7 µF for COUT
C1608X5R0J475
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ475
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
2.2 µF for C1, C2, CIN
C1608X5R0J225
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ225
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
POWER EFFICIENCY
Efficiency of LED drivers is commonly taken to be the ratio of power consumed by the LED (PLED) to the power
drawn at the input of the part (PIN). With a 1x, 1.5x, 2x charge pump, the input current is equal to the charge
pump gain times the output current (total LED current). The efficiency of the LM2759 can be predicted as follows:
PLED = VLED × ILED
(1)
PIN = VIN × IIN
(2)
PIN = VIN × (Gain × ILED + IQ)
(3)
E = (PLED ÷ PIN)
(4)
For a simple approximation, the current consumed by internal circuitry (IQ) can be neglected, and the resulting
efficiency will become:
E = VLED ÷ (VIN × Gain)
(5)
Neglecting IQ will result in a slightly higher efficiency prediction, but this impact will be negligible due to the value
of IQ being very low compared to the typical Torch and Flash current levels (100mA - 1A). It is also worth noting
that efficiency as defined here is in part dependent on LED voltage. Variation in LED voltage does not affect
power consumed by the circuit and typically does not relate to the brightness of the LED. For an advanced
analysis, it is recommended that power consumed by the circuit (VIN x IIN) be evaluated rather than power
efficiency.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM2759 when the junction temperature exceeds 150°C (typ.).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device will recover and operate normally when the junction temperature falls
below 120°C (typ.). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
POWER DISSIPATION
The power dissipation (PDISSIPATION) and junction temperature (TJ) can be approximated with the equations
below. PIN is the power generated by the 1x, 1.5x, 2x charge pump, PLED is the power consumed by the LED, TA
is the ambient temperature, and
θJA is the junction-to-ambient thermal resistance for the 12 pin WSON package.
VIN is the input voltage to the LM2759, VLED is the nominal LED forward voltage, and ILED is the programmed
LED current.
PDISSIPATION = PIN - PLED
(6)
= (Gain × VIN × ILED) − (VLED × ILED)
(7)
TJ = TA + (PDISSIPATION × θJA)
(8)
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM2759



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com