Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 1 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 1 Page - STMicroelectronics

  GG25LJ Datasheet HTML 1Page - STMicroelectronics GG25LJ Datasheet HTML 2Page - STMicroelectronics GG25LJ Datasheet HTML 3Page - STMicroelectronics GG25LJ Datasheet HTML 4Page - STMicroelectronics GG25LJ Datasheet HTML 5Page - STMicroelectronics GG25LJ Datasheet HTML 6Page - STMicroelectronics GG25LJ Datasheet HTML 7Page - STMicroelectronics GG25LJ Datasheet HTML 8Page - STMicroelectronics GG25LJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
February 2014
DocID025995 Rev 1
1/28
GG25L
Gas gauge IC with alarm output
Datasheet
- production data
Features
 OptimGaugeTM algorithm
 0.25% accuracy battery voltage monitoring
 Coulomb counter and voltage-mode gas gauge
operations
 Robust initial open-circuit-voltage (OCV)
measurement at power up with debounce
delay
 Low battery level alarm output with
programmable thresholds
 Internal temperature sensor
 Battery swap detection
 Low power: 45 µA in power-saving mode, 2 µA
max in standby mode
 1.4 x 2.0 mm 10-bump CSP package
Applications
 Wearable
 Fitness and healthcare
 Portable medical equipment
Description
The GG25L includes the hardware functions
required to implement a low-cost gas gauge for
battery monitoring. The GG25L uses current
sensing, Coulomb counting and accurate
measurements of the battery voltage to estimate
the state-of-charge (SOC) of the battery. An
internal temperature sensor simplifies
implementation of temperature compensation.
An alarm output signals a low SOC condition and
can also indicate low battery voltage. The alarm
threshold levels are programmable.
The GG25L offers advanced features to ensure
high performance gas gauging in all application
conditions.
CSP (1.4 x 2.0 mm)
Table 1. Device summary
Order code
Temperature range
Package
Packing
Marking
GG25LJ (1)
-40 °C to +85 °C
CSP-12
Tape and reel
O22
GG25LAJ (2)
O23
1. 4.35 V battery option
2. 4.20 V battery option
www.st.com


Similar Part No. - GG25LJ

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GG2014 JHE-GG2014 Datasheet
579Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GG2014HWDMNRNP-V00-NOCX JHE-GG2014HWDMNRNP-V00-NOCX Datasheet
579Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GG2014HWDMPRNP-V00-NOCX JHE-GG2014HWDMPRNP-V00-NOCX Datasheet
579Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GG2014HWDNNRNP-V00-NOCX JHE-GG2014HWDNNRNP-V00-NOCX Datasheet
579Kb / 23P
SPECIFICATIONS FOR LCD MODULE
GG2014HWDNPRNP-V00-NOCX JHE-GG2014HWDNPRNP-V00-NOCX Datasheet
579Kb / 23P
SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GG25LJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
Fitness, wellness and sports
11-Jan-2016
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
Healthcare facilities
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
Sports and Fitness
logo
STMicroelectronics
OA1ZHA STMICROELECTRONICS-OA1ZHA Datasheet
2Mb / 35P
Fitness and healthcare
June 2016 Rev 2
logo
Advantech Co., Ltd.
HIT-W222H ADVANTECH-HIT-W222H Datasheet
671Kb / 2P
21.5' Healthcare Information Terminal
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
Fitness Accessories
logo
Advantech Co., Ltd.
HIT-W101C ADVANTECH-HIT-W101C_V01 Datasheet
605Kb / 4P
10.1 Healthcare/Hospitality Information Terminal
10-Sep-2021
HIT-507 ADVANTECH-HIT-507 Datasheet
605Kb / 2P
7" Healthcare Information Terminal
3-Jun-2020
HIT-512 ADVANTECH-HIT-512 Datasheet
797Kb / 4P
Innovative 11.6" Healthcare Information Terminal
10-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com