Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 17 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 17 Page - STMicroelectronics

Back Button GG25LJ Datasheet HTML 13Page - STMicroelectronics GG25LJ Datasheet HTML 14Page - STMicroelectronics GG25LJ Datasheet HTML 15Page - STMicroelectronics GG25LJ Datasheet HTML 16Page - STMicroelectronics GG25LJ Datasheet HTML 17Page - STMicroelectronics GG25LJ Datasheet HTML 18Page - STMicroelectronics GG25LJ Datasheet HTML 19Page - STMicroelectronics GG25LJ Datasheet HTML 20Page - STMicroelectronics GG25LJ Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID025995 Rev 1
17/28
GG25L
Functional description
28
6.5
Improving accuracy of the initial OCV measurement with the
advanced functions of BATD/CD and RSTIO pins
The advanced functions of the BATD/CD and RSTIO pins provide a way to ensure that the
OCV measurement at power-up is not affected by the application startup or by the charger
operation. This occurs as follows:
The BATD/CD pin is driven high to VCC voltage which inhibits the charge function
(assuming that the BATD/CD signal is connected to disable input of the charger circuit).
The RSTIO pin senses the system reset state and if the system reset is active (that is
RSTIO is low), the RSTIO is kept low until the end of the OCV measurement.
Figure 10
describes the BATD/CD and RSTIO operation at power-up. Please refer to the
block diagram of Figure 11 for the RSTI, RSTO, BATD_comp_out, and BATD_drive_high
signals.
At the end of the OCV measurement, the BATD/CD and RSTIO pin are released (high
impedance), the application can start and the charger is enabled.
Figure 10. BATD and RSTIO timing diagram at power-up
6.5.1
BATD and RSTIO pins
The GG25L provides platform synchronization signals to provide reliable SOC information in
different cases.
The BATD/CD pin senses the presence of the battery independently of the battery voltage
and it controls the battery charger to inhibit the charge during the initial OCV measurement.
The RSTIO pin can be used to delay the platform startup during the first OCV measurement
at battery insertion.
VCC
UVLO
BATD_comp_out
RSTI
POR
Voltage
measurement
1.61V
delay
RST0
Voltage
register
SOC register
BATD_drive_high
OCV
meas.
Application can start,
charge is enabled
SOC
calc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com