Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 21 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 21 Page - STMicroelectronics

Back Button GG25LJ Datasheet HTML 17Page - STMicroelectronics GG25LJ Datasheet HTML 18Page - STMicroelectronics GG25LJ Datasheet HTML 19Page - STMicroelectronics GG25LJ Datasheet HTML 20Page - STMicroelectronics GG25LJ Datasheet HTML 21Page - STMicroelectronics GG25LJ Datasheet HTML 22Page - STMicroelectronics GG25LJ Datasheet HTML 23Page - STMicroelectronics GG25LJ Datasheet HTML 24Page - STMicroelectronics GG25LJ Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID025995 Rev 1
21/28
GG25L
I²C interface
28
7.2
Register map
7.2.1
Register map
The register space provides 28 control registers, 1 read-only register for device ID, 16
read/write RAM working registers reserved for the gas gauge algorithm, and 16 OCV
adjustment registers. Mapping of all registers is shown in Table 13. Detailed descriptions of
registers 0 (REG_MODE) and 1 (REG_CTRL) are shown in Table 14 and Table 15. All
registers are reset to default values at power-on or reset, and the PORDET bit in register
REG_CTRL is used to indicate the occurrence of a power-on reset.
Table 13. Register map
Name
Address
(decimal)
Type
POR
Soft
POR
Description
LSB
Control registers
0 to 23
REG_MODE
0
R/W
Mode register
REG_CTRL
1
R/W
Control and status register
REG_SOC
2-3
R/W
Gas gauge relative SOC
1/512%
REG_COUNTER
4-5
R
0x00
0x00
Number of conversions
(2 bytes)
REG_CURRENT
6-7
R
0x00
0x00
Battery current value
(2 bytes)
5.88 µV
REG_VOLTAGE
8-9
R
0x00
0x00
Battery voltage value
(2 bytes)
2.2 mV
REG_TEMPERATURE
10
R
0x00
0x00
Temperature data
1 °C
REG_CC_ADJ_HIGH
11
R/W
0x00
0x00
Coulomb counter adjustment
factor
1/2%
REG_VM_ADJ_HIGH
12
R/W
0x00
0x00
Voltage mode adjustment
factor
REG_OCV
13-14
R/W
0x00
0x00
OCV register (2 bytes)
0.55 mV
REG_CC_CNF
15-16
R/W
395
395
Coulomb counter gas gauge
configuration
REG_VM_CNF
17-18
R/W
321
321
Voltage gas gauge algorithm
parameter
REG_ALARM_SOC
19
R/W
0x02
0x02
SOC alarm level
(default = 1%)
1/2%
REG_ALARM_VOLTAGE
20
R/W
0xAA
0xAA
Battery low voltage alarm
level (default is 3 V)
17.6 mV
REG_CURRENT_THRES
21
R/W
0x0A
0x0A
Current threshold for the
relaxation counter
47.04 µV
REG_RELAX_COUNT
22
R
0x78
0x78
Relaxation counter
REG_RELAX_MAX
23
R/W
0x78
0x78
Relaxation counter max
value
REG_ID
24
R
0x14
0x14
Part type ID = 14h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com