Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 4 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 4 Page - STMicroelectronics

  GG25LJ Datasheet HTML 1Page - STMicroelectronics GG25LJ Datasheet HTML 2Page - STMicroelectronics GG25LJ Datasheet HTML 3Page - STMicroelectronics GG25LJ Datasheet HTML 4Page - STMicroelectronics GG25LJ Datasheet HTML 5Page - STMicroelectronics GG25LJ Datasheet HTML 6Page - STMicroelectronics GG25LJ Datasheet HTML 7Page - STMicroelectronics GG25LJ Datasheet HTML 8Page - STMicroelectronics GG25LJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin assignment
GG25L
4/28
DocID025995 Rev 1
2
Pin assignment
3
Absolute maximum ratings and operating conditions
Table 2. GG25L pin description
Pin
n°
CSP
bump
Pin name
Type(1)
1. I = input, 0 = output, OD = open drain, A = analog, D = digital, NC = not connected
Function
1
A1
ALM
I/OD
Alarm signal output, open drain,
external pull-up with resistor
2
B1
SDA
I/OD
I²C serial data
3
C1
SCL
I_D
I²C serial clock
4
D1
GND
Ground
Analog and digital ground
5D2
NC
-
NC
6
D3
CG
I_A
Current sensing input
7
C3
RSTIO
I/OD
Reset sense input & reset control output (open drain)
8
B2
BATD/CD
I/OA
Battery charge inhibit (active high output)
Battery detection (input)
9
B3
VCC
Supply
Power supply
10
A3
VIN
I_A
Battery voltage sensing input
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCCMAX
Maximum voltage on VCC pin
6
V
VIO
Voltage on I/O pins
-0.3 to 6
TSTG
Storage temperature
-55 to 150
°
C
TJ
Maximum junction temperature
150
ESD
Electrostatic discharge (HBM: human body model)
2
kV
Table 4. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Operating supply voltage on VCC
2.7 to 4.5
V
VMIN
Minimum voltage on VCC for RAM content retention
2.0
TOPER
Operating free air temperature range
-40 to 85
°
C
TPERF
-20 to 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com