Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 5 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 5 Page - STMicroelectronics

  GG25LJ Datasheet HTML 1Page - STMicroelectronics GG25LJ Datasheet HTML 2Page - STMicroelectronics GG25LJ Datasheet HTML 3Page - STMicroelectronics GG25LJ Datasheet HTML 4Page - STMicroelectronics GG25LJ Datasheet HTML 5Page - STMicroelectronics GG25LJ Datasheet HTML 6Page - STMicroelectronics GG25LJ Datasheet HTML 7Page - STMicroelectronics GG25LJ Datasheet HTML 8Page - STMicroelectronics GG25LJ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DocID025995 Rev 1
5/28
GG25L
Electrical characteristics
28
4
Electrical characteristics
Table 5. Electrical characteristics (2.7 V < VCC < 4.5 V, -20C to 70C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply
ICC
Operating current consumption
Average value over 4 s in
power-saving voltage
mode
45
60
µA
Average value over 4 s in
mixed mode
100
ISTBY
Current consumption in standby
Standby mode,
inputs = 0 V
2
IPDN
Current consumption in power-down
VCC < UVLOTH, 
inputs = 0 V
1
UVLOTH
Undervoltage threshold
(VCC decreasing)
2.5
2.6
2.7
V
UVLOHYST
Undervoltage threshold hysteresis
100
mV
POR
Power-on reset threshold
(VCC decreasing)
2.0
V
Current sensing
Vin_gg
Input voltage range
-40
+40
mV
IIN
Input current for CG pin
500
nA
ADC_res
AD converter granularity
5.88
µV
ADC_offset
AD converter offset
CG = 0 V
-3
3
LSB
ADC_time
AD conversion time
500
ms
ADC_acc
AD converter gain accuracy at full
scale (using external sense resistor)
25 °C
0.5
%
Over temperature range
1
FOSC
Internal time base frequency
32768
Hz
Osc_acc
Internal time base accuracy
25 °C, VCC = 3.6 V
2
%
Over temperature and
voltage ranges
2.5
Cur_res
Current register LSB value
5.88
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com