Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GG25LJ Datasheet(PDF) 14 Page - STMicroelectronics

Part # GG25LJ
Description  Fitness and healthcare
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GG25LJ Datasheet(HTML) 14 Page - STMicroelectronics

Back Button GG25LJ Datasheet HTML 10Page - STMicroelectronics GG25LJ Datasheet HTML 11Page - STMicroelectronics GG25LJ Datasheet HTML 12Page - STMicroelectronics GG25LJ Datasheet HTML 13Page - STMicroelectronics GG25LJ Datasheet HTML 14Page - STMicroelectronics GG25LJ Datasheet HTML 15Page - STMicroelectronics GG25LJ Datasheet HTML 16Page - STMicroelectronics GG25LJ Datasheet HTML 17Page - STMicroelectronics GG25LJ Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Functional description
GG25L
14/28
DocID025995 Rev 1
6.2.3
Mixed mode gas gauge system
The GG25L provides a mixed mode gas gauge using both a Coulomb counter (CC) and a
voltage-mode (VM) algorithm to track the SOC of the battery in all conditions with optimum
accuracy. The GG25L directly provides the SOC information.
The Coulomb counter is mainly used when the battery is charging or discharging at a high
rate. Each current conversion result is accumulated (Coulomb counting) for the calculation
of the relative SOC value based on a configuration register.
The voltage-mode algorithm is used when the application is in low power consumption state.
The GG25L automatically uses the best method in any given application condition.
However, when the application enters standby mode, the GG25L can be put in power-
saving mode: only the voltage-mode gas gauge stays active, the Coulomb counter is
stopped and power consumption is reduced.
Figure 7. Mixed mode gas gauge block diagram
The combination of the CC and VM algorithms provides optimum accuracy under all
application conditions. The voltage gas gauge cancels any long-term errors and prevents
the SOC drift problem that is commonly found in Coulomb counter only solutions.
Furthermore, the results of the two algorithms are continuously compared and adjustment
factors are calculated. This enables the application to track the CC and VM algorithm
parameters for long-term accuracy, automatically compensating for battery aging,
application condition changes, and temperature effects. Five registers are dedicated to this
monitoring:
REG_CC_ADJ and REG_VM_ADJ are continuously updated. They are signed, 16-bit,
user-adjusted registers with LSB = 1/512 %.
ACC_CC_ADJ and ACC_VM_ADJ are updated only when a method switch occurs.
They are signed, 16-bit user adjusted accumulators with LSB = 1/512%
RST_ACC_CC_ADJ and RST_ACC_VM_ADJ bits in the REG_MODE register are
used to clear the associated counter.
Voltage mode
(VM)
REG_SOC
register
Alarm
management
Parameter
tracking
Coulomb
counter
REG_VM_ADJ
register
REG_CC_ADJ
register
gas gauge
(CC)
SOC
management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com