Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM4041 Datasheet HTML 5Page - STMicroelectronics LM4041 Datasheet HTML 6Page - STMicroelectronics LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics LM4041 Datasheet HTML 10Page - STMicroelectronics LM4041 Datasheet HTML 11Page - STMicroelectronics LM4041 Datasheet HTML 12Page - STMicroelectronics LM4041 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DocID018817 Rev 4
9/16
LM4041
Package mechanical data
16
Table 5. SOT23-3L mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.89
1.12
A1
0.01
0.10
A2
0.88
0.95
1.02
b
0.30
0.50
c
0.08
0.20
D
2.80
2.90
3.04
E
2.10
2.64
E1
1.20
1.30
1.40
e0.95
e1
1.90
L
0.40
0.50
0.60
L1
0.54
k0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com