Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 1 Page - STMicroelectronics

  LM4041 Datasheet HTML 1Page - STMicroelectronics LM4041 Datasheet HTML 2Page - STMicroelectronics LM4041 Datasheet HTML 3Page - STMicroelectronics LM4041 Datasheet HTML 4Page - STMicroelectronics LM4041 Datasheet HTML 5Page - STMicroelectronics LM4041 Datasheet HTML 6Page - STMicroelectronics LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
February 2014
DocID018817 Rev 4
1/16
LM4041
Precision micropower shunt voltage reference
Datasheet
- production data
Features
• Fixed 1.225 V typical output voltage
• Ultra low operating current: 40 µA at 25 °C
• High precision: +/- 0.1% @ 25 °C (0.2%, 0.5%
and 1% versions are also available)
• Stable when used with capacitive loads
• Industrial (- 40 to+ 85 °C) and Extended (- 40
to +125 °C) temperature range versions
available
• 100 ppm/°C maximum temperature coefficient
• Available in SOT23-3L and SOT323-5L
packages
Applications
• Computers
• Battery chargers
• Switch mode power supply
• Battery operated equipment
• Data acquisition systems
• Energy management
• Instrumentation
Description
The LM4041 is a micropower shunt voltage
reference, providing a stable 1.225 V output
voltage, with an initial accuracy of 0.1% @ 25 °C
and a low temperature coefficient. Available in
SOT323-5L and SOT23-3L surface mount
packages, it can be designed in applications
where space saving is a critical issue. The low
operating current is a key advantage for power
restricted designs. In addition, the LM4041 is very
stable and can be used in a broad range of
application conditions.
SOT23-3L
SOT323-5L
www.st.com


Similar Part No. - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com