Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 5 Page - STMicroelectronics

  LM4041 Datasheet HTML 1Page - STMicroelectronics LM4041 Datasheet HTML 2Page - STMicroelectronics LM4041 Datasheet HTML 3Page - STMicroelectronics LM4041 Datasheet HTML 4Page - STMicroelectronics LM4041 Datasheet HTML 5Page - STMicroelectronics LM4041 Datasheet HTML 6Page - STMicroelectronics LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DocID018817 Rev 4
5/16
LM4041
Electrical characteristics
16
3
Electrical characteristics
TAMB = 25 °C, unless otherwise specified.
Note:
Limits are 100% production tested at 25 °C. Limits over temperature are guaranteed
through correlation and by design.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vk
Reverse breakdown
voltage
Ik = 100 µA
LM4041A, 0.1%
LM4041B, 0.2%
LM4041C, 0.5%
LM4041D, 1%
1.2238
1.2225
1.219
1.213
1.225
1.2262
1.2275
1.231
1.237
V
Ikmin
Minimum operating
current
Tamb = 25 °C
25
40
µA
-40 °C < Tamb < Tmax
(1)
50
ΔVk/ΔT
Average temperature
coefficient (2)
Ik = 100 µA
± 36
± 100
ppm/°C
ΔVk/ΔIk
Reverse breakdown
voltage change with
operating current range
Ikmin < Ik < 1 mA
- 40 °C < Tamb < Tmax
(1)
0.4
1
1.5
mV
1 mA < Ik < 12 mA
- 40 °C < Tamb < Tmax
(1)
4
8
10
Rka
Static impedance
ΔIk = 100 µA to 1 mA
0.4
1
W
Kvh
Long term stability
Ik = 100 µA, t = 1000 hrs
120
ppm
en
Wide band noise
Ik = 100 µA, 10 Hz < f < 10 kHz
60
µVRMS
1.
Tmax = 85 °C for LM4041xI (industrial version) and Tmax = 125 °C for LM4041xE (extended version).
2.
The average temperature coefficient is defined as: 106 x {max(
ΔV
k) / [Vk@25°C x (Tmax-Tmin)]} [ppm/°C].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com