Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics LM4041 Datasheet HTML 10Page - STMicroelectronics LM4041 Datasheet HTML 11Page - STMicroelectronics LM4041 Datasheet HTML 12Page - STMicroelectronics LM4041 Datasheet HTML 13Page - STMicroelectronics LM4041 Datasheet HTML 14Page - STMicroelectronics LM4041 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID018817 Rev 4
11/16
LM4041
Package mechanical data
16
Table 6. SOT323-5L mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.80
1.10
A1
0
0.10
A2
0.80
0.90
1
b
0.15
0.30
c
0.10
0.22
D
1.80
2
2.20
E
1.80
2.10
2.40
E1
1.15
1.25
1.35
e0.65
e1
1.30
L
0.26
0.36
0.46
<0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com