Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 4 Page - STMicroelectronics

  LM4041 Datasheet HTML 1Page - STMicroelectronics LM4041 Datasheet HTML 2Page - STMicroelectronics LM4041 Datasheet HTML 3Page - STMicroelectronics LM4041 Datasheet HTML 4Page - STMicroelectronics LM4041 Datasheet HTML 5Page - STMicroelectronics LM4041 Datasheet HTML 6Page - STMicroelectronics LM4041 Datasheet HTML 7Page - STMicroelectronics LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maximum ratings
LM4041
4/16
DocID018817 Rev 4
2
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
IK
Reverse breakdown current
20
mA
VK
Maximum cathode voltage
8
V
IF
Forward current
10
mA
PD
Power dissipation (1)
SOT23-3L
SOT323-5L
500
536
mW
TSTG
Storage temperature
- 65 to +150
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Charged device model
1500
V
TLEAD
Lead temperature (soldering) 10 sec
260
°C
TJ
Max junction temperature
+150
°C
1.
PD has been calculated with TAMB = 25°C and TJMAX = 150 °C.
Table 2. Thermal data
Symbol
Parameter
SOT323-5L
SOT23-3L
Unit
RthJA
Thermal resistance junction-ambient
233
248
°C/W
RthJC
Thermal resistance junction-case
90
136
°C/W
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
IKMIN
Minimum operating current
40
µA
IKMAX
Maximum operating current
12
mA
TOPER
Operating free air temperature range
Industrial
- 40 to + 85
°C
Extended
- 40 to + 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com