Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4041 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM4041
Description  Precision micropower shunt voltage reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4041 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM4041 Datasheet HTML 8Page - STMicroelectronics LM4041 Datasheet HTML 9Page - STMicroelectronics LM4041 Datasheet HTML 10Page - STMicroelectronics LM4041 Datasheet HTML 11Page - STMicroelectronics LM4041 Datasheet HTML 12Page - STMicroelectronics LM4041 Datasheet HTML 13Page - STMicroelectronics LM4041 Datasheet HTML 14Page - STMicroelectronics LM4041 Datasheet HTML 15Page - STMicroelectronics LM4041 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Order codes
LM4041
14/16
DocID018817 Rev 4
7
Order codes
Table 9. Order codes
Order codes
Precision
Packages
Operating temperature range
Marking
LM4041AICT-1.2
0.1%
SOT323-5L
Industrial
- 40 to + 85 °C
L2
LM4041BICT-1.2
0.2%
L2
LM4041CICT-1.2
0.5%
L25
LM4041DICT-1.2
1%
L26
LM4041AILT-1.2
0.1%
SOT23-3L
Industrial
- 40 to + 85 °C
L23
LM4041BILT-1.2
0.2%
L24
LM4041CILT-1.2
0.5%
L25
LM4041DILT-1.2
1%
L26
LM4041AECT-1.2
0.1%
SOT323-5L
Extended
- 40 to + 125 °C
E2
LM4041BECT-1.2
0.2%
E2
LM4041CECT-1.2
0.5%
E25
LM4041DECT-1.2
1%
E26
LM4041AELT-1.2
0.1%
SOT23-3L
Extended
- 40 to + 125 °C
E23
LM4041BELT-1.2
0.2%
E24
LM4041CELT-1.2
0.5%
E25
LM4041DELT-1.2
1%
E26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com