Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics TS110-7 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC line transient voltage ruggedness
TS110-7
6/10
DocID022271 Rev 4
2
AC line transient voltage ruggedness
In comparison with standard SCRs, the TS110-7 is self-protected against over-voltage. The
TS110-7 switch can safely withstand AC line surge voltages by switching to the on state (for
less than 10 ms on 50 Hz mains) to dissipate energy shocks through the load. The load
limits the current through the TS110-7. The self-protection against over-voltage is based on
an overvoltage crowbar technology. This safety feature works even with high turn-on current
ramp up.
Figure 15 represents the TS110-7 in a test environment. It is used to stress the TS110-7
switch according to the IEC 61000-4-5 standard conditions. The TS110-7 folds back safely
to the on state as shown in Figure 16.
The TS110-7 recovers its blocking voltage capability after the surge and the next zero
current crossing. Such a non repetitive test can be done at least 10 times.
Figure 15. Overvoltage ruggedness test circuit for IEC 61000-4-5 standards
Figure 16. Typical current and voltage waveforms across the TS110-7 during
IEC 61000-4-5 standard test
AC Mains
R1
R2
Filtering unit
Model of the load
Surge generator
60
Ω
60
Ω
12
Ω
CIN 150 nF
47 nF
TS110
IT
VT
I
V
0
0
Vpeak =VBO
1.2/50 µs voltage surge
Ipeak = 25 A
dI/dt = 100 A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com