Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 1 Page - STMicroelectronics

  TS110-7 Datasheet HTML 1Page - STMicroelectronics TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
June 2014
DocID022271 Rev 4
1/10
TS110-7
High surge voltage 1.25 A SCR for circuit breaker
Datasheet
- production data
Features
• On-state rms current, 1.25 A
• Repetitive peak off-state voltage, 700 V
• Non-repetitive direct surge peak off-state
voltage, 1250 V
• Non-repetitive reverse surge peak off-state
voltage, 850 V
• Triggering gate current, 100 µA
Description
Thanks to highly sensitive triggering levels, the
TS110-7 series is suitable for circuit breaker
applications where the available gate current is
limited. Such applications include GFCI (ground
fault circuit interrupter), AFCI (arc fault circuit
interrupter), RCD (residual current device), and
RCBO (residual current circuit breaker with
overload protection).
The 1250 V surge voltage capability of the
TS110-7 enables high robustness of the whole
circuit breaker. The low leakage current of the
TS110-7 reduces power consumption over the
entire lifetime of the circuit breaker.
The TS110-7 is available in through-hole TO-92
package with GAK pinout and in SMBflat-3L.
A
K
G
A
A
K
K
G
G
TO-92 with “GAK” pinout
TS110-7A1
SMBflat-3L
TS110-7UF
www.st.com


Similar Part No. - TS110-7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
13-Oct-2014
More results

Similar Description - TS110-7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
For surge absorption circuit
logo
STMicroelectronics
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
logo
Vishay Siliconix
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
18-Jun-13
logo
Panasonic Semiconductor
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
For constant voltage / For surge absorption circuit
logo
STMicroelectronics
TS110-8 STMICROELECTRONICS-TS110-8 Datasheet
228Kb / 10P
High surge voltage 1.25 A SCR for circuit breaker
13-Oct-2014
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
14-Sep-17
VS-30TPS12L-M3 VISHAY-VS-30TPS12L-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 30 A
31-Jul-2018
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
09-Jan-18
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
Thyristor High Voltage, Phase Control SCR, 25 A
04-Jun-2018
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
26-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com