Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics TS110-7 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DocID022271 Rev 4
9/10
TS110-7
Ordering information
10
4
Ordering information
Figure 20. Ordering information scheme
5
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
TS110-7A1
TS110-7
T0-92
200 mg
2500
Bulk
TS110-7A1-AP
TS110-7
2000
Ammopack
TS110-7UF
TS110-7
SMBflat-3L
47 mg
5000
Tape and reel 13”
TS 1 10 - 7
A1 (-AP)
Sensitive SCR series
Gate sensitivity
Voltage
Package
Packing mode
Current (rms)
1 = 1.25 A
10 = 100 µA
7 = 700 V
A1 = TO-92 with “GAK” pinout
UF = SMBflat-3L
-AP = Ammopack (TO_92)
Blank = Bulk (TO-92), 13” tape and reel (SMBflat-3L)
Table 8. Document revision history
Date
Revision
Changes
01-Sep-2012
1
Initial release.
11-Sep-2012
2
Added SMBflat-3L package.
17-Oct-2013
3
Corrected typographical error in Figure 8.
18-Jun-2014
4
Updated device name.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com