Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 3 Page - STMicroelectronics

  TS110-7 Datasheet HTML 1Page - STMicroelectronics TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID022271 Rev 4
3/10
TS110-7
Characteristics
10
Table 3. Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 2.5 A, tp = 380 µs
Tj = 25 °C
Max.
1.4
V
VT0
Threshold voltage
Tj = 125 °C
Max.
0.9
V
RD
Dynamic resistance
Tj = 125 °C
Max.
200
m
Ω
IDRM
IRRM
VD = VDRM / VRRM, RGK = 220 Ω
Tj = 25 °C
Max.
1µA
Tj = 125 °C
100
µA
Table 4. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads (DC)
TO-92
65
°C/W
Rth(j-a)
Junction to ambient (DC)
TO-92
160
SMBflat-3L
75
Rth(j-c)
Junction to case (DC)
S = 5 cm2
SMBflat-3L
14
Figure 1. Maximum average power dissipation
versus average on-state current
Figure 2. Average and DC on-state current
versus lead temperature (TO-92)
P(W)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
I
(A)
T(AV)
360°
α
α = 30°, 60°, 90°, 120°, 180°, DC
I
(A)
T(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
T
(°C)
lead
α = 30°, 60°, 90°, 120°, 180°, DC
Figure 3. Average and DC on-state current
versus lead temperature (SMBflat-3L)
Figure 4. Average and DC on-state current
versus ambient temperature
I
(A)
T(AV)
α = 30°, 60°, 90°, 120°, 180°, DC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
25
50
75
100
125
T
(°C)
lead
I(A)
T(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
TO-92
180-
SMBF-3L
DC
TO-92
DC
SMBF-3L
180-
T
(°C)
amb



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com