Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 5 Page - STMicroelectronics

  TS110-7 Datasheet HTML 1Page - STMicroelectronics TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID022271 Rev 4
5/10
TS110-7
Characteristics
10
Figure 11. Surge peak on-state current versus
number of cycles
Figure 12. Non-repetitive surge peak on-state
current, and corresponding values of I2t
I(A)
TSM
0
2
4
6
8
10
12
14
16
18
20
22
24
26
1
10
100
1000
Non repetitive
Tj initial=25 °C
SMBF-3L
Repetitive
TA=25 °C
TO-92
Repetitive
TA=25 °C
Number of cycles
t =10ms
p
One cycle
I
(A), I t (A s)
TSM
22
1
10
100
1000
0.01
0.10
1.00
10.00
ITSM
I²t
Tj initial=25 °C
t (ms)
p
Sinusoidal pulse with
width tp < 10 ms
Figure 13. On-state characteristics (maximum
values)
Figure 14. Thermal resistance junction to
ambient versus copper surface under anode
(SMBflat-3L)
I
(A)
TM
0.1
1.0
10.0
100.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Tj max :
Vto =0.9 V
Rd =200 m
Ω
TJ=125°C
TJ=25°C
V
(V)
TM
R
(°C/W)
th(j-a)
50
60
70
80
90
100
110
120
130
140
150
160
170
01
23
45
S(cm²)
Epoxy printed circuit board FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com