Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS110-7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS110-7
Description  High surge voltage 1.25 A SCR for circuit breaker
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS110-7 Datasheet(HTML) 4 Page - STMicroelectronics

  TS110-7 Datasheet HTML 1Page - STMicroelectronics TS110-7 Datasheet HTML 2Page - STMicroelectronics TS110-7 Datasheet HTML 3Page - STMicroelectronics TS110-7 Datasheet HTML 4Page - STMicroelectronics TS110-7 Datasheet HTML 5Page - STMicroelectronics TS110-7 Datasheet HTML 6Page - STMicroelectronics TS110-7 Datasheet HTML 7Page - STMicroelectronics TS110-7 Datasheet HTML 8Page - STMicroelectronics TS110-7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
TS110-7
4/10
DocID022271 Rev 4
Figure 5. Relative variation of thermal
impedance junction to ambient versus pulse
duration
Figure 6. Relative variation of gate triggering
current and voltage, holding and latching
current versus Tj
K=[Z
/R
]
th(j-a)
th(j-a)
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
TO-92
SMBflat-3L
Copper surface
area = 5cm²
t (s)
p
I, I , I
[T ] /
GT
H
L
j
, V
I
, I , I , V
[T =25°C]
GT
GT
H
L
GT
j
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-40
-20
0
20
40
60
80
100
120
VGT
IGT
IH & I L
T (°C)
j
Figure 7. Relative variation of holding current
versus gate-cathode resistance (typical values)
Figure 8. Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values)
I [R
] / I [
= 220
]
HGK
H
Ω
RGK
0.0
0.5
1.0
1.5
0.1
1.0
10.0
R(k )
GK
Ω
dV/dt[R
] / dV/dt[R
= 220 ]
GK
GK
W
0.01
0.10
1.00
10.00
0
200
400
600
800
R( )
GK W
T = 125°C
j
V = 0.67 x V
D
DRM
Figure 9. Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical
values)
Figure 10. Relative variation of dV/dt immunity
versus junction temperature with RGK = 220 Ω
(typical values)
dV/dt[C
] / dV/dt[C
= 100 nF]
GK
GK
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
120
140
160
180
200
220
C
(nF)
GK
Tj = 125°C
V = 0.67 x V
D
DRM
Typical value of dV/dt
= 25 V/µs
[CGK = 100 nF]
dV/dt[ ] / dV/dt[
=
]
Tj
Tj
125 °C
0
1
2
3
4
5
6
7
8
9
10
20
40
60
80
100
120
T (°C)
j
RGK = 220
V = 0.67 x V
Ω
D
DRM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com