Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 5Page - STMicroelectronics IPS161HTR Datasheet HTML 6Page - STMicroelectronics IPS161HTR Datasheet HTML 7Page - STMicroelectronics IPS161HTR Datasheet HTML 8Page - STMicroelectronics IPS161HTR Datasheet HTML 9Page - STMicroelectronics IPS161HTR Datasheet HTML 10Page - STMicroelectronics IPS161HTR Datasheet HTML 11Page - STMicroelectronics IPS161HTR Datasheet HTML 12Page - STMicroelectronics IPS161HTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
IPS161H
Electrical characteristics
DocID029436 Rev 2
9/25
4
Electrical characteristics
(8 V < VCC < 60 V; -40 °C < TJ < 125 °C, unless otherwise specified)
Table 5: Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
VUVON
60
VUVON
Undervoltage on threshold
6.9
8
VUVOFF
Undervoltage off threshold
6.5
7.8
VUVH
Undervoltage hysteresis
0.15
0.5
IS
Supply current in off-state
VCC = 24 V
300
500
μA
VCC = 60 V
350
600
Supply current in on-state
VCC = 24 V
1
1.4
mA
VCC = 60 V
1.4
1.8
ILGND
GND disconnection output current
VGND = VIN = VCC
VOUT = 0 V
1
mA
Table 6: Output stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDS(on)
On-state resistance
VCC = 24 V,
IOUT = 0.5 A @ TJ = 25 °C
60
mΩ
VCC = 24 V,
IOUT = 0.5 A @ TJ = 125 °C
120
VOUT(OFF)
Off-state output voltage
VIN = 0 V and IOUT = 0 A
2
V
IOUT(OFF)
Off-state output current
VCC = 24 V, VIN = 0 V,
VOUT = 0 V
3
μA
VCC = 60 V, VIN = 0 V,
VOUT = 0 V
10
IOUT(OFF-min)
Off-state output current
VIN = 0 V, VOUT = 4 V
-35
0
Table 7: Switching (VCC = 24 V; 125 °C > TJ > -40 °C, RLOAD
= 48 Ω)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr
Rise time
IOUT = 0.5 A
10
μs
tf
Fall time
10
tPD(H-L)
Propagation delay time off
20
tPD(L-H)
Propagation delay time on
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com