Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 17Page - STMicroelectronics IPS161HTR Datasheet HTML 18Page - STMicroelectronics IPS161HTR Datasheet HTML 19Page - STMicroelectronics IPS161HTR Datasheet HTML 20Page - STMicroelectronics IPS161HTR Datasheet HTML 21Page - STMicroelectronics IPS161HTR Datasheet HTML 22Page - STMicroelectronics IPS161HTR Datasheet HTML 23Page - STMicroelectronics IPS161HTR Datasheet HTML 24Page - STMicroelectronics IPS161HTR Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package information
IPS161H
22/25
DocID029436 Rev 2
Table 12: PowerSSO12 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.250
1.700
A1
0.000
0.100
A2
1.100
1.600
B
0.230
0.410
C
0.190
0.250
D
4.800
5000
E
3.800
4000
e
0.800
H
5800
6.200
h
0.250
0.55
L
0.400
0.1270
k
0d
8d
X
1.900
2500
Y
3.600
4.200
ddd
0.100
Dimension D doesn't include mold flash protrusions or gate burrs. Mold flash
protrusions or gate burrs don't exceed 0.15 mm in total both side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com