Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 6Page - STMicroelectronics IPS161HTR Datasheet HTML 7Page - STMicroelectronics IPS161HTR Datasheet HTML 8Page - STMicroelectronics IPS161HTR Datasheet HTML 9Page - STMicroelectronics IPS161HTR Datasheet HTML 10Page - STMicroelectronics IPS161HTR Datasheet HTML 11Page - STMicroelectronics IPS161HTR Datasheet HTML 12Page - STMicroelectronics IPS161HTR Datasheet HTML 13Page - STMicroelectronics IPS161HTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
IPS161H
10/25
DocID029436 Rev 2
Figure 3: trise and tfall
Figure 4: tPD(L-H) and tPD(H-L)
Table 8: Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.8
V
VIH
Input high level voltage
2.2
VI(HYST)
Input hysteresis voltage
0.4
IIN
Input current
VCC = VIN = 36 V
200
μA
VCC = VIN = 60 V
550
Table 9: Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vclamp
VCC active clamp
ICC = 10 mA
65.5
68.5
71.5
V
Vdemag
Demagnetization
voltage
IOUT = 0.5 A;
load = 1 mH
VCC-71.5
VCC-68.5
VCC-65.5
VOLoff
Open load (off-
state) or short to
VCC detection
threshold
2
4
tr
VOUT
10%
90%
80%
tf
t
GIPG1702151327LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com