Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 10Page - STMicroelectronics IPS161HTR Datasheet HTML 11Page - STMicroelectronics IPS161HTR Datasheet HTML 12Page - STMicroelectronics IPS161HTR Datasheet HTML 13Page - STMicroelectronics IPS161HTR Datasheet HTML 14Page - STMicroelectronics IPS161HTR Datasheet HTML 15Page - STMicroelectronics IPS161HTR Datasheet HTML 16Page - STMicroelectronics IPS161HTR Datasheet HTML 17Page - STMicroelectronics IPS161HTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Protection and diagnostic
IPS161H
14/25
DocID029436 Rev 2
Figure 5: Current limitation and cut-off
The fault condition is reported on the DIAG pin. The internal cut-off flag signal is latched at
output switch-off and released after the time tres, the same behavior is reported on DIAG
pin.
The status of the DIAG is independent on the IN pin status.
If CoD pin is connected to GND through 1 kΩ resistor (cut-off feature disabled), when the
output channel triggers the limitation threshold, it remains on, in current limitation condition,
until the input becomes LOW or the thermal protection threshold is triggered.
In case of low ambient temperature conditions (TAMB < -20 °C) and high supply voltage (VCC
> 36 V) the cut-off function needs activating in order to avoid IC permanent damages. The
following table reports the suggested cut-off delay for the different operating voltage.
Table 11: Minimum cut-off delay for TAMB less than -20 °C
VCC [V]
Cut-
off delay [μs]
Cut-off capacitance [nF]
36-48
100
2.2
48-60
50
1
6.4
Open load in off-state
The IPS161H provides the open load detection feature which detects if the load is
disconnected from the OUT pin. This feature can be activated by a resistor (RPU) between
OUT and VCC pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com