Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IPS161HTR Datasheet HTML 12Page - STMicroelectronics IPS161HTR Datasheet HTML 13Page - STMicroelectronics IPS161HTR Datasheet HTML 14Page - STMicroelectronics IPS161HTR Datasheet HTML 15Page - STMicroelectronics IPS161HTR Datasheet HTML 16Page - STMicroelectronics IPS161HTR Datasheet HTML 17Page - STMicroelectronics IPS161HTR Datasheet HTML 18Page - STMicroelectronics IPS161HTR Datasheet HTML 19Page - STMicroelectronics IPS161HTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Protection and diagnostic
IPS161H
16/25
DocID029436 Rev 2
If the channel is switched on by IN pin, the fault condition is no longer detected.
When inductive load is driven, some ringing of the output voltage may be observed at the
end of the demagnetization. In fact, the load is completely demagnetized when ILOAD = 0 A
and the OUT pin remains floating until next turn-on. In order to avoid a fake signalization of
the open load event driving inductive loads, the open load signal is masked for tBKT. So, the
open load is reported on the DIAG pin with a delay of tBKT and if the open load event is
triggered for more than tBKT.
6.5
VCC disconnection protection
The IC is protected despite the VCC disconnection event. This event is intended as the
disconnection of the VCC wire from the application board, see figure below. When this
condition happens, the IC continues working normally until the voltage on the VCC
pin is ≥
VUV(OFF). Once the VUVOFF is triggered, the output channel is turned off independently on the
input status. In case of inductive load, if the VCC is disconnected while the output channel is
still active, the IC allows the discharge of the energy still stored in the inductor through the
integrated power switch.
Figure 7: VCC disconnection
6.6
GND disconnection protection
GND disconnection is intended as the disconnection event of the application ground, see
figure below. When this event happens, the IC continues working normally until the voltage
between VCC and GN
D pins of the IC results ≥ VUVOFF. The voltage on GND pin of the IC
rises up to the supply rail voltage level. In case of GND disconnection event, a current
(ILGND) flows through OUT pin. Table 8: "Logic inputs" reports IOUT = ILGND for the worst case
of GND disconnection event in case of output shorted to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com