Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS161HTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # IPS161HTR
Description  Ground disconnection protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HTR Datasheet(HTML) 4 Page - STMicroelectronics

  IPS161HTR Datasheet HTML 1Page - STMicroelectronics IPS161HTR Datasheet HTML 2Page - STMicroelectronics IPS161HTR Datasheet HTML 3Page - STMicroelectronics IPS161HTR Datasheet HTML 4Page - STMicroelectronics IPS161HTR Datasheet HTML 5Page - STMicroelectronics IPS161HTR Datasheet HTML 6Page - STMicroelectronics IPS161HTR Datasheet HTML 7Page - STMicroelectronics IPS161HTR Datasheet HTML 8Page - STMicroelectronics IPS161HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
List of figures
IPS161H
4/25
DocID029436 Rev 2
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Pin connection (top view) ............................................................................................................6
Figure 3: trise and tfall ..............................................................................................................................10
Figure 4: tPD(L-H) and tPD(H-L) ..............................................................................................................10
Figure 5: Current limitation and cut-off .....................................................................................................14
Figure 6: Open load off-state ....................................................................................................................15
Figure 7: VCC disconnection ....................................................................................................................16
Figure 8: GND disconnection....................................................................................................................17
Figure 9: Active clamp equivalent principle schematic .............................................................................18
Figure 10: Fast demag waveforms ...........................................................................................................18
Figure 11: Typical demagnetization energy (single pulse) at VCC = 24 V and TAMB = 125 °C .............19
Figure 12: PowerSSO12 package outline.................................................................................................21
Figure 13: PowerSSO12 recommended footprint.....................................................................................23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com