Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 64 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 57Page - STMicroelectronics L6985F Datasheet HTML 58Page - STMicroelectronics L6985F Datasheet HTML 59Page - STMicroelectronics L6985F Datasheet HTML 60Page - STMicroelectronics L6985F Datasheet HTML 61Page - STMicroelectronics L6985F Datasheet HTML 62Page - STMicroelectronics L6985F Datasheet HTML 63Page - STMicroelectronics L6985F Datasheet HTML 64Page - STMicroelectronics L6985F Datasheet HTML 65Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
Order codes
L6985F
64/65
DocID027836 Rev 2
10
Order codes
11
Revision history
Table 16. Order codes
Part numbers
Package
Packaging
L6985F
HTSSOP16
Tube
L6985FTR
Tape and reel
Table 17. Document revision history
Date
Revision
Changes
05-May-2015
1
Initial release.
17-Feb-2016
2
Updated Table 3: Thermal data on page 7 (added Rth JC).
Updated Table 6: fSW selection on page 11 (added note 2.
below table).
Updated Section 6.5: Synchronization (LNM) on page 45
(replaced value of “range” “2 MHz” by “1.4 MHz”, added text).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com