Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 21Page - STMicroelectronics L6985F Datasheet HTML 22Page - STMicroelectronics L6985F Datasheet HTML 23Page - STMicroelectronics L6985F Datasheet HTML 24Page - STMicroelectronics L6985F Datasheet HTML 25Page - STMicroelectronics L6985F Datasheet HTML 26Page - STMicroelectronics L6985F Datasheet HTML 27Page - STMicroelectronics L6985F Datasheet HTML 28Page - STMicroelectronics L6985F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
DocID027836 Rev 2
25/65
L6985F
Functional description
65
Figure 15. Light-load efficiency comparison at different ISKIP - log scale
Figure 16 and Figure 17 show the LCM operation at the different ISKIP level.
Figure 16 shows the ISKIPH = 350 mA typ. and so 34 mV output voltage ripple.
Figure 17 shows the ISKIPL = 100 mA typ. and so 13 mV output voltage ripple.
Figure 16. LCM operation with ISKIPH = 350 mA typ. at zero load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com