Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 9Page - STMicroelectronics L6985F Datasheet HTML 10Page - STMicroelectronics L6985F Datasheet HTML 11Page - STMicroelectronics L6985F Datasheet HTML 12Page - STMicroelectronics L6985F Datasheet HTML 13Page - STMicroelectronics L6985F Datasheet HTML 14Page - STMicroelectronics L6985F Datasheet HTML 15Page - STMicroelectronics L6985F Datasheet HTML 16Page - STMicroelectronics L6985F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
DocID027836 Rev 2
13/65
L6985F
Functional description
65
Figure 3. Internal block diagram
4.1
Power supply and voltage reference
The internal regulator block consists of a start-up circuit, the voltage pre-regulator that
provides the current to all the blocks and the bandgap voltage reference. The starter
supplies the startup current when the input voltage goes high and the device is enabled
(SS/INH pin over the inhibits threshold).
The pre-regulator block supplies the bandgap cell and the rest of the circuitry with
a regulated voltage that has a very low supply voltage noise sensitivity.
Switchover feature
The switchover scheme of the pre-regulator block features to derive the main contribution of
the supply current for the internal circuitry from an external voltage (3 V < VBIAS < 5.5 V is
typically connected to the regulated output voltage). This helps to decrease the equivalent
quiescent current seen at VIN. (Please refer to Section 4.6: Switchover feature on page 28).
4.2
Voltages monitor
An internal block continuously senses the VCC, VBIAS and VBG. If the monitored voltages are
good, the regulator starts operating. There is also a hysteresis on the VCC (UVLO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com