Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 1 Page - STMicroelectronics

  L6985F Datasheet HTML 1Page - STMicroelectronics L6985F Datasheet HTML 2Page - STMicroelectronics L6985F Datasheet HTML 3Page - STMicroelectronics L6985F Datasheet HTML 4Page - STMicroelectronics L6985F Datasheet HTML 5Page - STMicroelectronics L6985F Datasheet HTML 6Page - STMicroelectronics L6985F Datasheet HTML 7Page - STMicroelectronics L6985F Datasheet HTML 8Page - STMicroelectronics L6985F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
This is information on a product in full production.
February 2016
DocID027836 Rev 2
1/65
L6985F
38 V, 500 mA synchronous step-down switching regulator
with 30 µA quiescent current
Datasheet
- production data
Features
 0.5 A DC output current
 4 V to 38 V operating input voltage
 Low consumption mode or low noise mode
 30 µA IQ at light-load (LCM VOUT = 3.3 V)
 8 µA IQ-SHTDWN
 Output voltage adjustable from 0.85 V to VIN
 Adjustable fSW (250 kHz - 2 MHz)
 Embedded output voltage supervisor
 Synchronization
 Adjustable soft-start time
 Internal current limiting
 Overvoltage protection
 Output voltage sequencing
 Peak current mode architecture
 RDSON HS = 360 m, RDSON LS = 150 m
 Thermal shutdown
Applications
 Designed for 12 V and 24 V buses
 Programmable logic controllers (PLCs)
 Decentralized intelligent nodes
 Sensors and low noise applications (LNM)
Description
The L6985F is a step-down monolithic switching
regulator able to deliver up to 0.5 A DC. The
output voltage adjustability ranges from 0.85V to
VIN. Thanks to the P-channel MOSFET high-side
power element, the device features 100% of the
duty cycle operation. The wide input voltage
range meets the specification for the 5 V, 12 V
and 24 V power supplies. The “Low Consumption
Mode” (LCM) is designed for applications active
during the idle mode, so it maximizes the
efficiency at the light-load with the controlled
output voltage ripple. The “Low Noise Mode”
(LNM) makes the switching frequency constant
overload current range, meeting the low noise
application specification. The output voltage
supervisor manages the reset phase for any
digital load (µC, FPGA). The RST open collector
output can also implement output voltage
sequencing during the power-up phase. The
synchronous rectification, designed for high
efficiency at the medium - heavy load, and the
high switching frequency capability make the size
of the application compact. Pulse-by-pulse
current sensing on both power elements
implements effective constant current protection.
HTSSOP16 (RTH = 40 °C/W)
www.st.com


Similar Part No. - L6985F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6982CDR STMICROELECTRONICS-L6982CDR Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6982NDR STMICROELECTRONICS-L6982NDR Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
More results

Similar Description - L6985F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLM0035 CENTRAL-CCLM0035 Datasheet
303Kb / 2P
CURRENT LIMITING DIODE
CMCL1300 CENTRAL-CMCL1300 Datasheet
75Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M45 DIOTEC-CL20M45 Datasheet
97Kb / 2P
Current Limiting Diodes
logo
Digitron Semiconductors
CCL0035 DIGITRON-CCL0035 Datasheet
73Kb / 1P
CURRENT LIMITING DIODE
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35 Datasheet
100Kb / 2P
Current Limiting Diodes
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
Current Limiting Diodes
logo
STMicroelectronics
STEVAL-ILL046V1 STMICROELECTRONICS-STEVAL-ILL046V1 Datasheet
216Kb / 4P
Internal current limiting
25-May-2016
STEVAL-ILL051V2 STMICROELECTRONICS-STEVAL-ILL051V2 Datasheet
231Kb / 4P
Internal current limiting
26-May-2016
STEVAL-ILL054V1 STMICROELECTRONICS-STEVAL-ILL054V1 Datasheet
230Kb / 4P
Internal current limiting
27-May-2016
STEVAL-ILL054V2 STMICROELECTRONICS-STEVAL-ILL054V2 Datasheet
218Kb / 4P
Internal current limiting
27-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com