Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 38Page - STMicroelectronics L6985F Datasheet HTML 39Page - STMicroelectronics L6985F Datasheet HTML 40Page - STMicroelectronics L6985F Datasheet HTML 41Page - STMicroelectronics L6985F Datasheet HTML 42Page - STMicroelectronics L6985F Datasheet HTML 43Page - STMicroelectronics L6985F Datasheet HTML 44Page - STMicroelectronics L6985F Datasheet HTML 45Page - STMicroelectronics L6985F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Closing the loop
L6985F
42/65
DocID027836 Rev 2
5.5
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6 or up to 150 kHz to
guarantee a valid small signal model.
Equation 33
Equation 34
where gCS represents the current sense transconductance (see Table 5: Electrical
characteristics on page 8) and gm TYP the error amplifier transconductance.
Equation 35
Example 2
Considering L6985F, VIN = 12 V, VOUT = 3.3 V, L = 4.7 H, COUT = 10 F, fSW = 2 MHz.
Assuming to design the compensation network to achieve system bandwidth of 110 kHz:
Equation 36
Equation 37
so accordingly with Equation 34 and Equation 35:
Equation 38
Equation 39
BW
min
fSW
6
--------- 150kHz


=
RC
2
 BW C
OUT VOUT

0.85V gCS gm TYP

----------------------------------------------------------------
=
CC
5
2
 R
C BW

--------------------------------------
=
fPOLE
2.
·· 4kHz
=
RLOAD
VOUT
IOUT
--------------
6.6
==
RC
107k
 110k
=
CC
66pF 68pF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com