Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6985F Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6985F
Description  Internal current limiting
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6985F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6985F Datasheet HTML 20Page - STMicroelectronics L6985F Datasheet HTML 21Page - STMicroelectronics L6985F Datasheet HTML 22Page - STMicroelectronics L6985F Datasheet HTML 23Page - STMicroelectronics L6985F Datasheet HTML 24Page - STMicroelectronics L6985F Datasheet HTML 25Page - STMicroelectronics L6985F Datasheet HTML 26Page - STMicroelectronics L6985F Datasheet HTML 27Page - STMicroelectronics L6985F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Functional description
L6985F
24/65
DocID027836 Rev 2
4.5.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at the light-load. The regulator
prevents the switching activity whenever the switch peak current request is lower than the
ISKIP threshold (350 mA typical). As a consequence the L6985F device works in bursts and
it minimizes the quiescent current request in the meantime between the switching operation.
In the LCM operation, the pin SYNCH/ISKIP level dynamically defines the ISKIP current
threshold (see Table 9).
The ISKIP programmability helps to optimize the performance in terms of the output voltage
ripple or efficiency at the light-load, that are parameters which disagree each other by
definition.
A lower skip current level minimizes the voltage ripple but increases the switching activity
(time between bursts gets closer) since less energy per burst is transfered to the output
voltage at the given load. On the other side, a higher skip level reduces the switching activity
and improves the efficiency at the light-load but worsen the voltage ripple.
No difference in terms of the voltage ripple and conversion efficiency for the medium and
high load current level, that is when the device operates in the discontinuous or continuous
mode (DCM vs. CCM).
Figure 14 and Figure 15 report the efficiency measurements with VOUT = 3.3 V to highlight
the ISKIPH and ISKIPL efficiency gap at the light-load also in comparison with the LNM
operation. The same efficiency at the medium / high load is confirmed at different ISKIP
levels.
Figure 14. Light-load efficiency comparison at different ISKIP - linear scale
Table 9. ISKIP current level
SYNCH / ISKIP (pin 4)
ISKIP current threshold
LOW
ISKIPH = 0.35 A typical
HIGH
ISKIPL = 0.1 A typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com