Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST1S14
Description  Power good open collector output
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST1S14 Datasheet HTML 16Page - STMicroelectronics ST1S14 Datasheet HTML 17Page - STMicroelectronics ST1S14 Datasheet HTML 18Page - STMicroelectronics ST1S14 Datasheet HTML 19Page - STMicroelectronics ST1S14 Datasheet HTML 20Page - STMicroelectronics ST1S14 Datasheet HTML 21Page - STMicroelectronics ST1S14 Datasheet HTML 22Page - STMicroelectronics ST1S14 Datasheet HTML 23Page - STMicroelectronics ST1S14 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Closing the loop
ST1S14
20/46
DocID17977 Rev 2
where:
6.4
Total loop gain
In summary, the open loop gain can be expressed as:
Equation 15
Example: VIN = 12 V, VOUT = 3.3 V, ROUT = 2 Ω.
The resistor divider is R1=5.6 K, R2=3.3 K.
CR1=150 nF implements a leading network (fZ=190 kHz, fP=510 kHz).
Selecting L = 8.2 µH, COUT = 100 µF, and ESR = 75 mΩ, the gain and phase bode
diagrams are plotted respectively in Figure 12 and 13 over input voltage range (VIN=6
V to 48 V, IOUT=3 A).
Figure 12. Module plot
G
DIV s
()
R
2
R
1
R
2
+
--------------------
1s
R
1
C
R1
⋅⋅
+
()
1s
R
1
R
2
R
1
R
2
+
---------------------
C
R1
⋅⋅
+
⎝⎠
⎛⎞
-----------------------------------------------------------------
=
f
Z
1
2
π R
1
C
R1
⋅⋅
----------------------------------------------
=
f
P
1
2
π
R
1
R
2
R
1
R
2
+
---------------------
C
R1
⋅⋅
-------------------------------------------------------------
=
f
Z
f
P
<
Gs
()
G
DIV s
() G
CO s
() A
0 s
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com